PART |
Description |
Maker |
SA6.0AG SA7.0ARLG |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
|
ON Semiconductor
|
SA40A SA40ARL SA150A SA5-0A |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
|
ONSEMI[ON Semiconductor]
|
SA5.0A SA17ARLG |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
|
ON Semiconductor
|
SA18A |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
|
ON Semiconductor
|
SA110A SA11A SA13ARL SA43ARL SA33ARL SA24ARL SA14A |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors 500 Watt Peak PowerMiniMOSORB Zener Transient Voltage Suppressors 500 W Peak Power MiniMOSORB Zener Transient Voltage Suppressor Unidirectional 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors STANDOFF,M-F,1/4H,4-40X.25SS Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:3300pF; Capacitance Tolerance: 10%; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:1206; Termination:SMD RoHS Compliant: Yes Ceramic Multilayer Capacitor; Capacitance:1000pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:25V; Dielectric Characteristic:X7R; Package/Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:0.01uF; Capacitance Tolerance: 5%; Voltage Rating:25VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0805; Termination:SMD RoHS Compliant: Yes
|
On Semiconductor
|
SA110C SA43A SA160 SA14 |
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 500瓦峰值功率瞬态电压抑制器 /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RES 2.74K OHM 1/10W .1% 0805 SMD 500W TRANSIENT VOLTAGE SUPPRESSORS 500 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 110.00 V. Test current IT = 1 mA.
|
Won-Top Electronics Co., Ltd. Bytes
|
P4KE250A P4KE24 P4KE47 P4KE220A P4KE47A P4KE170C P |
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 400瓦峰值功率瞬态电压抑制器 12-Bit, 165MSPS SpeedPlus(TM) DAC Scalable Current Outputs between 2mA to 20mA 28-SOIC -40 to 85 400 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. 400 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 171.00 V. Test current IT = 1 mA.
|
Microsemi Bytes
|
1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1. |
Zener Diode Transistor Suppressor High Power 1500 Watt Peak Power Zener Transient Voltage Suppressors ELR 2/1-230Z 1500 Watt Peak Power Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
http:// ONSEMI[ON Semiconductor]
|
P4KE11 P4KE10 P4KE100 P4KE20 P4KE27 P4KE33 P4KE180 |
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE) 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-41
|
RECTRON[Rectron Semiconductor]
|
SA90CA SA50 SA8.0CA SA8.0A SA7.0A SA6.0A SA5.0A SA |
DEVICES FOR BIPOLAR APPLICATIONS 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500瓦瞬态电压抑制器00瓦瞬变电压抑制器 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RES 511 OHM 1/10W .1% 0805 SMD 双极器件中的应用 DEVICES FOR BIPOLAR APPLICATIONS 双极器件中的应用 4AV Series Hall-Effect Vane with 24 AWG irradiated polyethelene 558,8 mm [22 in] lead wires CONNECTOR ACCESSORY
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
P6KE200AG P6KE180ARLG ONSEMICONDUCTOR-P6KE180ARLG |
600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors 600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors 600 W Transient Voltage Suppressor 200 V SUR40 Unidirectional; Package: Surmetic 40, Axial Lead; Container: Bulk; Qty per Container: 1000 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|